PART |
Description |
Maker |
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
IRFD320 IRFD320PBF |
TRANSISTOR 490 mA, 400 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, HVMDIP-4, FET General Purpose Small Signal Trans MOSFET N-CH 400V 0.49A 4-Pin HVMDIP
|
Vishay Siliconix
|
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BSP316P |
Low Voltage MOSFETs - Small Signal MOSFET, -100V, SOT-223, RDSon =1.80 SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
BSP92P |
Low Voltage MOSFETs - Small Signal MOSFET, -250V, SOT-223, RDSon = 12 SIPMOS Small-Signal-Transistor
|
Infineon Technologies AG
|
NTR4003N NTR4003NT1G NTR4003NT3G |
30V N-Channel PowerTrench MOSFET 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Power MOSFET 30 V, 0.56 A. Single N-Channel SOT-23 Package; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236 Small Signal MOSFET 30 V, 0.56 A, Single N−Channel, SOT−23
|
3M Company ON Semiconductor
|
2SK3991-ZK-E1-AZ 2SK3991-ZK-E2 2SK3991-AZ |
30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-252AA LEAD FREE, TO-252, MP-3ZK, 3 PIN 30000 mA, 25 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251AA
|
NEC, Corp.
|
NTJD4105C NTJD4105CT1 NTJD4105CT1G NTJD4105CT2 NTJ |
Small Signal MOSFET 20V/-8V, Complimentary 0.63A/-0.775A SC-88 Small Signal MOSFET 20 V / −8.0 V, Complementary, 0.63 A / −0.775 A, SC−88
|
ON Semiconductor
|
NTJS4405N NTJS4405NT1 NTJS4405NT1G NTJS4405NT4 NTJ |
Small Signal MOSFET 25 V, 1.2 A(25V, 1.2A, 小信号MOSFET) Small Signal MOSFET 25 V, 1.2 A, Single, N−Channel, SC−88
|
ON Semiconductor
|
|